Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 546Page - Renesas Technology Corp SH7713 Datasheet HTML 547Page - Renesas Technology Corp SH7713 Datasheet HTML 548Page - Renesas Technology Corp SH7713 Datasheet HTML 549Page - Renesas Technology Corp SH7713 Datasheet HTML 550Page - Renesas Technology Corp SH7713 Datasheet HTML 551Page - Renesas Technology Corp SH7713 Datasheet HTML 552Page - Renesas Technology Corp SH7713 Datasheet HTML 553Page - Renesas Technology Corp SH7713 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 510 of 860
REJ09B0288-0150
The range of hour can be set is 0 to 23 (decimal). Errant operation will result if any other value is
set. Carry out write processing after stopping the count operation with the START bit in RCR2.
RHRCNT is an 8-bit readable/writable register and not initialized by a power-on reset or manual
reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0.The write value
should always be 0.
5, 4
R/W
Counter for 10-unit of hour in the BCD-code.
The range can be set from 0 to 2 (decimal).
3 to 0
R/W
Counter for 1-unit of hour in the BCD-code.
The range can be set from 0 to 9 (decimal).
15.3.5
Day of Week Counter (RWKCNT)
RWKCNT is used for setting/counting day of week section. The count operation is performed by a
carry for each day of the date counter.
The range for day of the week can be set is 0 to 6 (decimal). Errant operation will result if any
other value is set. Carry out write processing after stopping the count operation with the START
bit in RCR2.
RWKCNT is an 8-bit readable/writable register and not initialized by a power-on reset or manual
reset, or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com