Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 556 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 556 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 552Page - Renesas Technology Corp SH7713 Datasheet HTML 553Page - Renesas Technology Corp SH7713 Datasheet HTML 554Page - Renesas Technology Corp SH7713 Datasheet HTML 555Page - Renesas Technology Corp SH7713 Datasheet HTML 556Page - Renesas Technology Corp SH7713 Datasheet HTML 557Page - Renesas Technology Corp SH7713 Datasheet HTML 558Page - Renesas Technology Corp SH7713 Datasheet HTML 559Page - Renesas Technology Corp SH7713 Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 516 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
Hour Alarm Enable
Specifies whether comparison of RHRCNT and
RHRAR is performed as an alarm condition.
0: Not compared
1: Compared
6
0
R
Reserved
This bit is always read as 0. The write value
should always be 0.
5, 4
R/W
Setting value for 10-unit of hour alarm in the
BCD-code.
The range can be set from 0 to 2 (decimal).
3 to 0
R/W
Setting value for 1-unit of hour alarm in the BCD-
code.
The range can be set from 0 to 9 (decimal).
15.3.12
Day of Week Alarm Register (RWKAR)
RWKAR is an alarm register corresponding to the day of week counter RWKCNT. When the
ENB bit is set to 1, a comparison with the RWKCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR, the counter and alarm register
comparison is performed only on those with ENB bits and the YAEN bit in RCR3 set to 1, and if
each of those coincide, an RTC alarm interrupt is generated.
The range of day of the week alarm which can be set is 0 to 6 (decimal). Errant operation will
result if any other value is set.
RWKAR is an 8-bit readable/writable register. The ENB bit in RWKAR is initialized by a power-
on reset. The remaining RWKAR fields are not initialized by a power-on reset or manual reset, or
in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com