Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 560 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 560 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 556Page - Renesas Technology Corp SH7713 Datasheet HTML 557Page - Renesas Technology Corp SH7713 Datasheet HTML 558Page - Renesas Technology Corp SH7713 Datasheet HTML 559Page - Renesas Technology Corp SH7713 Datasheet HTML 560Page - Renesas Technology Corp SH7713 Datasheet HTML 561Page - Renesas Technology Corp SH7713 Datasheet HTML 562Page - Renesas Technology Corp SH7713 Datasheet HTML 563Page - Renesas Technology Corp SH7713 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 520 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value
R/W
Description
15 to 12
R/W
Setting value for 1000-unit of year alarm in the
BCD-code.
The range can be set from 0 to 9 (decimal).
11 to 8
R/W
Setting value for 100-unit of year alarm in the
BCD-code.
The range can be set from 0 to 9 (decimal).
7 to 4
R/W
Setting value for 10-unit of year alarm in the
BCD-code.
The range can be set from 0 to 9 (decimal).
3 to 0
R/W
Setting value for 1-unit of year alarm in the BCD-
code.
The range can be set from 0 to 9 (decimal).
15.3.16
RTC Control Register 1 (RCR1)
RCR1 is a register that affects carry flags and alarm flags. It also selects whether to generate
interrupts for each flag. Because flags are sometimes set after an operand read, do not use this
register in read-modify-write processing.
RCR1 is an 8-bit readable/writable register. RCR1 is initialized to H'00 by a power-on reset or a
manual reset, all bits are initialized to 0 except for the CF flag, which is undefined. When using
the CF flag, it must be initialized beforehand. This register is not initialized in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
CF
Undefined
R/W
Carry Flag
Status flag that indicates that a carry has
occurred. CF is set to 1 when a count-up to
R64CNT or RSECCNT occurs. A count register
value read at this time cannot be guaranteed;
another read is required.
0: No count up of R64CNT or RSECCNT.
Clearing condition: When 0 is written to CF
1: Count up of R64CNT or RSECCNT.
Setting condition: When 1 is written to CF or if
the carry of R64CNT or RSECCNT occurs
when R64CNT or RSECCNT is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com