Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 558Page - Renesas Technology Corp SH7713 Datasheet HTML 559Page - Renesas Technology Corp SH7713 Datasheet HTML 560Page - Renesas Technology Corp SH7713 Datasheet HTML 561Page - Renesas Technology Corp SH7713 Datasheet HTML 562Page - Renesas Technology Corp SH7713 Datasheet HTML 563Page - Renesas Technology Corp SH7713 Datasheet HTML 564Page - Renesas Technology Corp SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 522 of 860
REJ09B0288-0150
15.3.17
RTC Control Register 2 (RCR2)
RCR2 is a register for periodic interrupt control, 30-second adjustment ADJ, divider circuit
RESET, and RTC count start/stop control.
RCR2 is an 8-bit readable/writable register. It is initialized to H'09 by a power-on reset. It is
initialized except for RTCEN and START by a manual reset. It is not initialized in standby mode,
and retains its contents.
Bit
Bit Name
Initial Value
R/W
Description
7
PEF
0
R/W
Periodic Interrupt Flag
Indicates interrupt generation with the period
designated by the PES2 to PES0 bits. When set
to 1, PEF generates periodic interrupts.
0: Interrupts not generated with the period
designated by the PES bits.
Clearing condition: When 0 is written to PEF
1: Interrupts generated with the period
designated by the PES bits.
Setting condition: When an interrupt is
generated with the period designated by the
PES0 to PES2 bits or when 1 is written to the
PEF flag
6
5
4
PES2
PES1
PES0
0
0
0
R/W
R/W
R/W
Periodic Interrupt Flags
These bits specify the periodic interrupt.
000: No periodic interrupts generated
001: Periodic interrupt generated every 1/256
second
010: Periodic interrupt generated every 1/64
second
011: Periodic interrupt generated every 1/16
second
100: Periodic interrupt generated every 1/4
second
101: Periodic interrupt generated every 1/2
second
110: Periodic interrupt generated every 1 second
111: Periodic interrupt generated every 2
seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com