Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 560Page - Renesas Technology Corp SH7713 Datasheet HTML 561Page - Renesas Technology Corp SH7713 Datasheet HTML 562Page - Renesas Technology Corp SH7713 Datasheet HTML 563Page - Renesas Technology Corp SH7713 Datasheet HTML 564Page - Renesas Technology Corp SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 524 of 860
REJ09B0288-0150
15.3.18
RTC Control Register 3 (RCR3)
RCR3 is a register that controls comparison of the BCD-coded year counter RYRCNT and the
year alarm register RYRAR of the RTC.
RCR3 is an 8-bit readable/writable register.
Bit
Bit Name
Initial Value
R/W
Description
7
YAEN
0
R/W
Year Alarm Enable
When this bit is set to 1, comparison of the year
alarm register (RYRAR) and the year counter
(RYRCNT) is performed. From among RSECAR,
RMINAR, RHRAR, RWKAR, RDAYAR, and
RMONAR, the counter and alarm register
comparison is performed only on those with ENB
bits set to 1, and if each of those coincide, an
RTC alarm interrupt is generated.
6 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com