Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 564Page - Renesas Technology Corp SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp SH7713 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 528 of 860
REJ09B0288-0150
15.4.5
Crystal Oscillator Circuit
Crystal oscillator circuit constants (recommended values) are shown in table 15.2, and the RTC
crystal oscillator circuit in figure 15.5.
Table 15.2
Recommended Oscillator Circuit Constants (Recommended Values)
f
osc
C
in
C
out
32.768 kHz
10 to 22 pF
10 to 22 pF
SH7713
EXTAL2
XTAL2
XTAL
Cin
Cout
Rf
RD
Notes: 1. Select either the Cin or Cout side for frequency adjustment variable capacitor
according to requirements such as frequency range, degree of stability, etc.
2. Built-in resistance value Rf (Typ value) = 10 MΩ, RD (Typ value) = 400 kΩ
3. Cin and Cout values include stray capacitance due to the wiring. Take care when
using a ground plane.
4. The crystal oscillation settling time depends on the mounted circuit constants,
stray capacitance, etc., and should be decided after consultation with the crystal
resonator manufacturer.
5. Place the crystal resonator and load capacitors Cin and Cout as close as possible
to the chip.
(Correct oscillation may not be possible if there is externally induced noise in the
EXTAL2 and XTAL2 pins.)
6. Ensure that the crystal resonator connection pin (EXTAL2, XTAL2) wiring is
routed as far away as possible from other power lines (except GND) and signal
lines.
Figure 15.5 Example of Crystal Oscillator Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com