Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp SH7713 Datasheet HTML 572Page - Renesas Technology Corp SH7713 Datasheet HTML 573Page - Renesas Technology Corp SH7713 Datasheet HTML 574Page - Renesas Technology Corp SH7713 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
SCIS3C3A_000020020900
Rev.1.50 Aug. 30, 2006 Page 531 of 860
REJ09B0288-0150
Section 16 Serial Communication Interface with FIFO
(SCIF)
This LSI has a two-channel serial communication interface with on-chip FIFO buffers (Serial
Communication Interface with FIFO: SCIF). The SCIF can perform asynchronous and clock
synchronous serial communication.
The SCIF provides a 16-stage FIFO register for both transmission and reception, enabling fast,
efficient, and continuous communication.
16.1
Features
The SCIF features are listed below.
• Asynchronous mode
Serial data communication is executed using an asynchronous system in which
synchronization is achieved character by character. Serial data communication can be carried
out with standard asynchronous communication chips such as a Universal Asynchronous
Receiver/Transmitter (UART) or Asynchronous Communication Interface Adapter (ACIA).
There is a choice of 8 serial data communication formats.
Data length: 7 or 8 bits
Stop bit length: 1 or 2 bits
Parity: Even/odd/none
Receive error detection: Parity, framing, and overrun errors
Break detection: If a framing error is following by at least one frame at the space “0” (low)
level, a break is detected.
• Clock synchronous mode
Serial data communication is synchronized with a clock. Serial data communication can be
carried out with other chips that have a synchronous communication function.
Data length: 8 bits
Receive error detection: Overrun error
• Full-duplex communication capability
The transmitter and receiver are independent units, enabling transmission and reception to be
performed simultaneously.
The transmitter and receiver both have a 16-stage FIFO buffer structure, enabling fast and
continuous serial data transmission and reception.
• On-chip baud rate generator allows any bit rate to be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com