Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp SH7713 Datasheet HTML 572Page - Renesas Technology Corp SH7713 Datasheet HTML 573Page - Renesas Technology Corp SH7713 Datasheet HTML 574Page - Renesas Technology Corp SH7713 Datasheet HTML 575Page - Renesas Technology Corp SH7713 Datasheet HTML 576Page - Renesas Technology Corp SH7713 Datasheet HTML 577Page - Renesas Technology Corp SH7713 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 534 of 860
REJ09B0288-0150
16.2
Input/Output Pins
Table 16.1 shows the SCIF pin configuration.
Table 16.1
Pin Configuration
Channel
Pin Name
Abbreviation
I/O
Function
0
Serial clock pin
SCIF0CK
Input/output Clock input/output
Receive data pin
RxD0
Input
Receive data input
Transmit data pin
TxD0
Output
Transmit data output
Modem control pin
CTS0
Input
Transmission clear
Modem control pin
RTS0
Output
Transmit request
1
Serial clock pin
SCIF1CK
Input/output Clock input/output
Receive data pin
RxD1
Input
Receive data input
Transmit data pin
TxD1
Output
Transmit data output
Modem control pin
CTS1
Input
Transmission clear
Modem control pin
RTS1
Output
Transmit request
Note:
These pins function as serial pins by making the SCIF operation settings with the C/
A bit in
SCSMR, TE, RE, CKE1, and CKE0 bits in SCSCR, and MCE bit in SCFCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com