Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp SH7713 Datasheet HTML 572Page - Renesas Technology Corp SH7713 Datasheet HTML 573Page - Renesas Technology Corp SH7713 Datasheet HTML 574Page - Renesas Technology Corp SH7713 Datasheet HTML 575Page - Renesas Technology Corp SH7713 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 532 of 860
REJ09B0288-0150
• Choice of serial clock source: Internal clock from the baud rate generator or external clock
from the SCIF0CK and SCIF1CK pins.
• There are four interrupt sourcestransmit-FIFO-data-empty, receive-FIFO-data-full, receive-
error, and break. Each source can be requested independently.
• The DMA controller (DMAC) can be activated to execute a data transfer in the event of a
transmit-FIFO-data-empty or receive-FIFO-data-full.
• On-chip modem control functions (CTS0/CTS1 and RTS0/RTS1)
• When not in use, the SCIF can be stopped by halting its clock supply to reduce power
consumption.
• The amount of data in the transmit/receive FIFO registers, and the number of receive errors in
the receive data in the receive FIFO register, can be ascertained.
• On reception a time out error (DR) can be detected
• The contents of the transmit FIFO data register (SCFTDR) and receive FIFO data register
(SCFRDR) are undefined after a power-on or manual reset. Other registers are initialized by a
power-on or manual reset, and retain their values in standby mode and in the module standby
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com