Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 572Page - Renesas Technology Corp SH7713 Datasheet HTML 573Page - Renesas Technology Corp SH7713 Datasheet HTML 574Page - Renesas Technology Corp SH7713 Datasheet HTML 575Page - Renesas Technology Corp SH7713 Datasheet HTML 576Page - Renesas Technology Corp SH7713 Datasheet HTML 577Page - Renesas Technology Corp SH7713 Datasheet HTML 578Page - Renesas Technology Corp SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 536 of 860
REJ09B0288-0150
16.3.1
Receive Shift Register (SCRSR)
SCRSR is the register used to receive serial data.
The SCIF sets serial data input from the RxD pin in SCRSR in the order received, starting with the
LSB (bit 0), and converts it to parallel data. When one byte of data has been received, it is
transferred to the receive FIFO data register SCFRDR, automatically.
SCRSR cannot be directly read or written to by the CPU.
16.3.2
Receive FIFO Data Register (SCFRDR)
SCFRDR is a 16-stage FIFO register that stores received serial data.
When the SCIF has received one byte of serial data, it transfers the received data from SCRSR to
SCFRDR where it is stored, and completes the receive operation. SCRSR is then enabled for
reception, and consecutive receive operations can be performed until the receive FIFO data
register is full (16 data bytes).
SCFRDR is a read-only register, and cannot be written to by the CPU.
If a read is performed when there is no receive data in the receive FIFO data register, an undefined
value will be returned. When the receive FIFO data register is full of receive data, subsequent
serial data is lost.
The contents of SCFRDR are undefined after a power-on reset or manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com