Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 578 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 578 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 574Page - Renesas Technology Corp SH7713 Datasheet HTML 575Page - Renesas Technology Corp SH7713 Datasheet HTML 576Page - Renesas Technology Corp SH7713 Datasheet HTML 577Page - Renesas Technology Corp SH7713 Datasheet HTML 578Page - Renesas Technology Corp SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 538 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
C/
A
0
R/W
Communication Mode
Selects asynchronous mode or clock synchronous
mode as the SCIF operating mode.
0: Asynchronous mode
1: Clock synchronous mode
6
CHR
0
R/W
Character Length
Selects 7 or 8 bits as the asynchronous mode data
length. In clock synchronous mode, a fixed data
length of 8 bits is used regardless of the CHR setting.
0: 8-bit data
1: 7-bit data*
Note: * When 7-bit data is selected, the MSB (bit 7) of
the transmit FIFO data register (SCFTDR) is
not transmitted.
5
PE
0
R/W
Parity Enable
In asynchronous mode, selects whether or not parity
bit addition is performed in transmission, and parity
bit checking in reception. In clock synchronous mode,
parity bit addition and checking is not performed,
regardless of the PE bit setting.
0: Parity bit addition and checking disabled
1: Parity bit addition and checking enabled*
Note: * When the PE bit is set to 1, the parity (even or
odd) specified by the O/
E bit is added to
transmit data before transmission. In
reception, the parity bit is checked for the
parity (even or odd) specified by the O/
E bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com