Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 577Page - Renesas Technology Corp SH7713 Datasheet HTML 578Page - Renesas Technology Corp SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 541 of 860
REJ09B0288-0150
16.3.6
Serial Control Register (SCSCR)
SCSCR performs enabling or disabling of the SCIF transfer operations and interrupt requests, and
selection of the serial clock source.
SCSCR can be read or written to by the CPU at all times.
SCSCR is initialized to H'0000 by a power-on reset or manual reset. It is not initialized in standby
mode or in the module standby state, and retains its contents.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
TIE
0
R/W
Transmit Interrupt Enable
Enables or disables generation of a transmit-FIFO-
data-empty interrupt (TXI) request when the TDFE
flag in SCFSR is set to 1 after the serial transmit data
is transferred from SCFTDR to SCTSR and the
number of data bytes in the transmit FIFO register is
equal to or below the trigger set number.
0: Transmit-FIFO-data-empty interrupt (TXI) request
disabled*
1: Transmit-FIFO-data-empty interrupt (TXI) request
enabled
Note: *
TXI interrupt requests can be cleared by
writing transmit data exceeding the transmit
trigger set number to SCFTDR, reading 1
from the TDFE flag, then clearing it to 0, or
by clearing the TIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com