Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp SH7713 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 543 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4
RE
0
R/W
Receive Enable
Enables or disables the start of serial reception by the
SCIF.
0: Reception disabled*
1
1: Reception enabled*
2
Notes: 1. Clearing the RE bit to 0 does not affect
the DR, ER, BRK, RDF, FER, PER, and
ORER flags, which retain their state.
2. SCSMR and SCFCR settings must be
made, the receive format decided, and the
receive FIFO reset, before the RE bit is
set to 1.
3
REIE
0
R/W
Receive Error Interrupt Enable
Enables or disables generation of receive-error
interrupt (ERI) request and break interrupt (BRI)
request. The REIE bit setting is available when the
RIE bit is cleared to 0.
0: Receive-error interrupt (ERI) request and break
interrupt (BRI) request disabled*
1: Receive-error interrupt (ERI) request and break
interrupt (BRI) request enabled
Note: *
A receive-error interrupt (ERI) request and
break interrupt (BRI) request can be cleared
by reading 1 from the ER, BRK, and ORER
flags, then clearing the flags to 0, or by
clearing the RIE and REIE bits to 0.
Even if the RIE bit is cleared to 0, setting
the REIE bit to 1 enables generation of the
ERI and BRI requests. This setting is
achieved to notify the ERI and BRI requests
to the interrupt controller at the DMAC
transfer.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com