Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp SH7713 Datasheet HTML 587Page - Renesas Technology Corp SH7713 Datasheet HTML 588Page - Renesas Technology Corp SH7713 Datasheet HTML 589Page - Renesas Technology Corp SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 547 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
6
TEND
1
R/(W)*
Transmit End
Indicates that there is no valid data in SCFTDR
when the last bit of the transmit character is sent,
and transmission has been ended.
0: Transmission is in progress
[Clearing conditions]
• When the TEND flag is cleared to 0 after the
transmit data is written to SCFTDR and TEND =
1 is read
• When data is written to SCFTDR by the DMAC
1: Transmission has been ended
[Setting conditions]
• Power-on reset or manual reset
• The TE bit in SCSCR is cleared to 0
• When there is no transmit data in SCFTDR on
transmission of the last bit of 1-byte serial
transmit character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com