Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp SH7713 Datasheet HTML 587Page - Renesas Technology Corp SH7713 Datasheet HTML 588Page - Renesas Technology Corp SH7713 Datasheet HTML 589Page - Renesas Technology Corp SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp SH7713 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 549 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4
BRK
0
R/(W)*
Break Detect
In asynchronous mode, indicates that a receive
data break signal has been detected or not.
0: A break signal has not been received
[Clearing conditions]
• Power-on reset or manual reset
• When 0 is written to BRK after reading BRK = 1
1: A break signal has been received*
[Setting condition]
When data with a framing error is received, followed
by the space “0” level (low level) for at least one
frame length
Note: * When a break is detected, the receive data
(H'00) following detection is not transferred
to SCFRDR. When the break ends and the
receive signal returns to mark “1”, receive
data transfer is resumed.
3
FER
0
R
Framing Error
In asynchronous mode, indicates that there is a
framing error or not in the data read from SCFRDR.
0: There is no framing error in the receive data read
from SCFRDR
[Clearing conditions]
• Power-on reset or manual reset
• When there is no framing error in SCFRDR read
data
1: There is a framing error in the receive data read
from SCFRDR
[Setting condition]
When there is a framing error in SCFRDR read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com