Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 588Page - Renesas Technology Corp SH7713 Datasheet HTML 589Page - Renesas Technology Corp SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp SH7713 Datasheet HTML 593Page - Renesas Technology Corp SH7713 Datasheet HTML 594Page - Renesas Technology Corp SH7713 Datasheet HTML 595Page - Renesas Technology Corp SH7713 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 552 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
0
DR
0
R/(W)*
Receive Data Ready
In asynchronous mode, indicates that there are
fewer than the receive trigger set number of data
bytes in SCFRDR, and no further data has arrived
for at least 15 etu after the stop bit of the last data
received.
0: Reception is in progress or has ended
successfully and there is no receive data left in
SCFRDR
[Clearing conditions]
• Power-on reset or manual reset
• When all the receive data in SCFRDR has been
read, and 0 is written to DR after reading DR =
1
• When all the receive data in SCFRDR is read by
the DMAC
1: No further receive data has arrived
[Setting condition]
When SCFRDR contains fewer than the receive
trigger set number of receive data bytes, and no
further data has arrived for at least 15 etu after the
stop bit of the last data received*
Note: * Corresponds to 1.5 frame time when the
format of 8-bit length and 1 stop bit is used.
etu: Elementary time unit (time for transfer
of 1 bit)
Note:
*
Only 0 can be written for clearing the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com