Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 594 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 594 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp SH7713 Datasheet HTML 593Page - Renesas Technology Corp SH7713 Datasheet HTML 594Page - Renesas Technology Corp SH7713 Datasheet HTML 595Page - Renesas Technology Corp SH7713 Datasheet HTML 596Page - Renesas Technology Corp SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 554 of 860
REJ09B0288-0150
Error (%) =
– 1
× 100
(N + 1)
× B × 64 × 22n–1
P
φ × 106
16.3.9
FIFO Control Register (SCFCR)
SCFCR performs data count resetting and trigger data number setting for the transmit and receive
FIFO registers, and also contains a loopback test enable bit.
SCFCR can be read or written to by the CPU at all times.
SCFCR is initialized to H'0000 by a power-on reset or manual reset. It is not initialized in standby
mode or in the module standby state, and retains its contents.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10
9
8
RSTRG2
RSTRG1
RSTRG0
0
0
0
R/W
R/W
R/W
RTS Output Active Trigger 2 to 0
The
RTS signal goes high when the number of
receive data bytes in SCFRDR is equal to or greater
than the trigger set number shown in below.
RTS active trigger:
000: 15
001: 1
010: 4
011: 6
100: 8
101: 10
110: 12
111: 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com