Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 594Page - Renesas Technology Corp SH7713 Datasheet HTML 595Page - Renesas Technology Corp SH7713 Datasheet HTML 596Page - Renesas Technology Corp SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 558 of 860
REJ09B0288-0150
16.3.11
Line Status Register (SCLSR)
SCLSR is a 16-bit register that indicates whether an overrun error occurs or not during reception.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
ORER
0
R/(W)*
Overrun Error
Indicates that an overrun error occurred during
reception and reception is ended abnormally.
0: Reception is in progress, or reception has
ended successfully*
1
[Clearing conditions]
• Power-on reset or manual reset
• When 0 is written to ORER after reading ORER
= 1
1: An overrun error occurred during reception*
2
[Setting condition]
When serial reception is completed while the
receive FIFO is full
Notes: 1. The ORER flag is not affected and
retains its previous state when the RE
bit in SCSCR is cleared to 0.
2. The receive data prior to the overrun
error is retained in SCFRDR, and the
data received subsequently is lost.
Serial reception cannot be continued
while the ORER flag is set to 1.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com