Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 595Page - Renesas Technology Corp SH7713 Datasheet HTML 596Page - Renesas Technology Corp SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 559 of 860
REJ09B0288-0150
16.4
Operation
16.4.1
Overview
The SCIF can carry out serial communication in asynchronous mode, in which synchronization is
achieved character by character, and in clock synchronous mode, in which synchronization is
achieved with clock pulses.
16-stage FIFO buffers are provided for both transmission and reception, reducing the CPU
overhead and enabling fast, continuous communication to be performed. Also, the
RTS and CTS
signals are included as modem control signals. Transfer format is selected by SCSMR. This is
shown in table 16.3. The SCIF clock source is determined by the combination of the C/
A bit in
SCSMR and the CKE1 and CKE0 bits in SCSCR. This is shown in table 16.4.
Asynchronous Mode
• Data length: Choice of 7 or 8 bits
• Choice of parity addition and addition of 1 or 2 stop bits (the combination of these parameters
determines the transfer format and character length)
• Detection of framing errors, parity errors, overrun errors, receive-FIFO-data-full state, receive-
data-ready state, and breaks, during reception
• Indication of the number of data bytes stored in the transmit and receive FIFO registers
• The SCIF clock source: Choice of internal or external clock
When internal clock is selected: The SCIF operates on the baud rate generator clock.
When external clock is selected: Clock with frequency16 times the bit rate must be input. (The
on-chip baud rate generator is not used.)
Clock synchronous Mode
• Transfer format: Fixed to 8-bit data
• Detection of overrun errors during reception
• The SCIF clock source: Choice of internal or external clock
When internal clock is selected: The SCIF operates on the baud rate generator clock and
outputs the synchronous clock
When external clock is selected: The SCIF operates on the input synchronous clock. The on-
chip baud rate generator is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com