Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 603 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 603 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp SH7713 Datasheet HTML 604Page - Renesas Technology Corp SH7713 Datasheet HTML 605Page - Renesas Technology Corp SH7713 Datasheet HTML 606Page - Renesas Technology Corp SH7713 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 563 of 860
REJ09B0288-0150
Data Transfer Operations:
The SCIF Initialization: Before transmitting and receiving data, it is necessary to clear the TE
and RE bits in SCSCR to 0, then initialize the SCIF as described below.
When the transfer format, etc., is changed, the TE and RE bits must be cleared to 0 before making
the change using the following procedure. When the TE bit is cleared to 0, SCTSR is initialized.
Note that clearing the TE and RE bits to 0 does not change the contents of SCFSR, SCFTDR, or
SCFRDR. The TE bit should be cleared to 0 after all transmit data has been sent and the TEND bit
in SCFSR has been set to 1. Clearing to 0 can also be performed during transmission, but the data
being transmitted will go to the high-impedance state after the clearance. Before setting TE to 1
again to start transmission, the TFRST bit in SCFCR should first be set to 1 to reset SCFTDR.
When an external clock is used, the clock should not be stopped during operation including
initialization because its operation becomes unreliable.
Figure 16.3 shows a sample the SCIF initialization flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com