Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 604 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 604 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp SH7713 Datasheet HTML 604Page - Renesas Technology Corp SH7713 Datasheet HTML 605Page - Renesas Technology Corp SH7713 Datasheet HTML 606Page - Renesas Technology Corp SH7713 Datasheet HTML 607Page - Renesas Technology Corp SH7713 Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 564 of 860
REJ09B0288-0150
Clear TE and RE bits
in SCSCR to 0
Set TFRST and RFRST bits
in SCFCR to 1
Set C/
A bit in SCSMR to 0,
and set transfer format
Set RTRG1, RTRG0, TTRG1,
and TTRG0 bits in SCFCR.
Clear TFRST and
RFRST bits to 0
Set TE and RE bits in SCSCR to
1, and set RIE, TIE, and REIE bits
Set value in SCBRR
Set CKE1 and CKE0 bits in
SCSCR to B'00 (Internal clock/
SCIFnCK pin is input pin (input
signal is ignored)) (leaving TE,
RE, TIE, and RIE bitscleared to 0)
1. Set the clock selection in SCSCR.
Be sure to clear bits RIE, TIE, TE, and RE
to 0.
2. Set the transfer format in SCSMR.
3. Write a value corresponding to the bit rate
into SCBRR. (Not necessary if an external
clock is used.)
4. Wait at least one bit interval, then set the
TE bit or RE bit in SCSCR to 1. Also set the
RIE, TIE, and REIE bits.
Setting the TE and RE bits enables the TxD
and RxD pins to be used.
Initialization
End
1-bit interval elapsed?
No
Wait
Yes
Figure 16.3 Sample the SCIF Initialization Flowchart
Serial Data Transmission: Figure 16.4 shows a sample flowchart for serial transmission.
Use the following procedure for serial data transmission after enabling the SCIF for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com