| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 605 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 605 Page - Renesas Technology Corp |
|
605 / 904 page ![]() Section 16 Serial Communication Interface with FIFO (SCIF) Rev.1.50 Aug. 30, 2006 Page 565 of 860 REJ09B0288-0150 Read TDFE bit in SCFSR Read TEND bit in SCFSR Clear port DR to 0 Clear TE bit in SCSCR to 0 Specify TxD pin as output port by PFC Write (16 – transmit trigger set number) bytes of transmit data to SCFTDR, read 1 from TDFE bit and TEND flag in SCFSR, then clear to 0 1. SCIF status check and transmit data write: Read the serial status register (SCFSR) and check that the TDFE flag is set to 1, then write transmit data to SCFTDR, read 1 from the TDFE and TEND flags, then clear these flags to 0. The number of data bytes that can be written is 16 – (transmit trigger set number). 2. Serial transmission continuation procedure: To continue serial transmission, read 1 from the TDFE flag to confirm that writing is possible, then write data to SCFTDR, and then clear the TDFE bit to 0. 3. Break output at the end of serial transmission: To output a break in serial transmission, clear the port data register (DR) to 0 before clearing the TE bit in SCSCR to 0, and then specify the TxD pin as an output port by the PFC. In steps 1 and 2, it is possible to ascertain the number of data bytes that can be written from the number of transmit data bytes in SCFTDR indicated by the upper 8 bits of SCFDR. Start of transmission End of transmission TDFE = 1? No Yes All data transmitted? No Yes TEND = 1? No Yes Break output? No Yes Figure 16.4 Sample Serial Transmission Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |