Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 609 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 609 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 605Page - Renesas Technology Corp SH7713 Datasheet HTML 606Page - Renesas Technology Corp SH7713 Datasheet HTML 607Page - Renesas Technology Corp SH7713 Datasheet HTML 608Page - Renesas Technology Corp SH7713 Datasheet HTML 609Page - Renesas Technology Corp SH7713 Datasheet HTML 610Page - Renesas Technology Corp SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp SH7713 Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 569 of 860
REJ09B0288-0150
Receive error handling
Break handling
Read receive data in SCFRDR
Clear DR, ER, and BRK flags
in SCFSR and ORER flag
in SCLSR to 0
1. Whether a framing error or parity error has
occurred in the receive data read from
SCFRDR can be ascertained from the FER
and PER bits in SCFSR.
2. When a break signal is received, receive
data is not transferred to SCFRDR while
the BRK flag is set. However, note that the
last data in SCFRDR is H'00 and the break
data in which a framing error occurred is
stored.
Error handling
End
ER = 1?
No
Yes
Overrun error handling
No
Yes
BRK = 1?
No
Yes
DR = 1?
No
Yes
ORER = 1?
Figure 16.7 Sample Serial Reception Flowchart (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com