Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 610 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 610 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 606Page - Renesas Technology Corp SH7713 Datasheet HTML 607Page - Renesas Technology Corp SH7713 Datasheet HTML 608Page - Renesas Technology Corp SH7713 Datasheet HTML 609Page - Renesas Technology Corp SH7713 Datasheet HTML 610Page - Renesas Technology Corp SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp SH7713 Datasheet HTML 613Page - Renesas Technology Corp SH7713 Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 570 of 860
REJ09B0288-0150
In serial reception, the SCIF operates as described below.
1. The SCIF monitors the communication line, and if a 0 start bit is detected, performs internal
synchronization and starts reception.
2. The received data is stored in SCRSR in LSB-to-MSB order.
3. The parity bit and stop bit are received.
After receiving these bits, the SCIF carries out the following checks.
A. Stop bit check: The SCIF checks whether the stop bit is 1. If there are two stop bits, only
the first is checked.
B. The SCIF checks whether receive data can be transferred from SCRSR to SCFRDR.
C. Overrun error check: The SCIF checks that the ORER flag is cleared to 0 and an overrun
error does not occur.
D. Break check: The SCIF checks that the BRK flag is 0, indicating that the break state is not
set.
If all the above checks are passed, the receive data is stored in SCFRDR.
Note:
Reception continues when a receive error (a framing error or parity error) occurs.
4. If the RIE bit in SCSCR is set to 1 when the RDF flag or DR flag changes to 1, a receive-
FIFO-data-full interrupt (RXI) request is generated.
If the RIE bit or REIE bit in SCSCR is set to 1 when the ER flag changes to 1, a receive-error
interrupt (ERI) request is generated.
If the RIE bit or REIE bit in SCSCR is set to 1 when the BRK flag or ORER flag changes to 1,
a break reception interrupt (BRI) request is generated.
Figure 16.8 shows an example of the operation for reception in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com