Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 610Page - Renesas Technology Corp SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp SH7713 Datasheet HTML 613Page - Renesas Technology Corp SH7713 Datasheet HTML 614Page - Renesas Technology Corp SH7713 Datasheet HTML 615Page - Renesas Technology Corp SH7713 Datasheet HTML 616Page - Renesas Technology Corp SH7713 Datasheet HTML 617Page - Renesas Technology Corp SH7713 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 574 of 860
REJ09B0288-0150
Figure 16.12 shows a sample the SCIF initialization flowchart.
Wait
Start Initialization
Keep the TE and RE bits cleared to 0 until initialization
has been completed.
Set the CKE1 and CKE0 bits.
Set the transfer or receive format in SCSMR.
Write a value corresponding to the bit rate in SCBRR.
(Not necessary if an external clock is used.) After this
setting wait for at least 1-bit interval.
Set the external pins. Specifies the pins as RxD input
in reception and TxD output in transmission. Set the
SCIFnCK input/output according to the CKE1 and
CKE0 settings.
Set the TE bit or RE bit in SCSCR to 1. Also, set the
TIE, RIE, and REIE bits. At this time, the TxD, RxD,
and SCIFnCK pins can be used. In transmission, the
TxD pin is in the mark state. When reception in
clock synchronous mode and synchronous clock output
(clock master) are selected, a clock is output from the
SCIFnCK pin.
1.
2.
3.
4.
5.
6.
Set transmit or receive format in SCSMR
Set TFRST and RFRST bits in SCFCR
to 1 and clear buffer of FIFO
Read BRK, DR, and ER flags in SCFSR
and clear the flags by writing 0
No
Yes
Set value in SCBRR
Clear TE and RE bits in SCSCR to 0
Set TE and RE bits in SCSCR to 1
and set RIE, TIE, and REIE bits
Set RTRG1, RTRG0, TTRG1, and
TTRG0 bits in SCFCR. Clear TFRST
and RFRST bits to 0.
1-bit interval elapsed?
End
Set CKE1 and CKE0 bits in SCSCR
(TE, RE, TIE, and RIE bits are
cleared to 0)
Set external pins (SCIFnCK, TxD, RxD)
Figure 16.12 Sample the SCIF Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com