Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 613Page - Renesas Technology Corp SH7713 Datasheet HTML 614Page - Renesas Technology Corp SH7713 Datasheet HTML 615Page - Renesas Technology Corp SH7713 Datasheet HTML 616Page - Renesas Technology Corp SH7713 Datasheet HTML 617Page - Renesas Technology Corp SH7713 Datasheet HTML 618Page - Renesas Technology Corp SH7713 Datasheet HTML 619Page - Renesas Technology Corp SH7713 Datasheet HTML 620Page - Renesas Technology Corp SH7713 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 577 of 860
REJ09B0288-0150
Serial Data Reception: Figures 16.15 and 16.16 show sample flowcharts for serial reception.
Use the following procedure for serial data reception after enabling the SCIF for reception.
To change the operating mode from asynchronous mode to clock synchronous mode without
initialization, be sure to confirm that the flags ORER, PER3 to PER0, and FER3 to FER0 are
cleared to 0.
Yes
No
Start reception
End reception
No
Yes
Read RDF flag in SCFSR
Clear RE bit in SCSCR to 0
Read ORER flag in SCLSR
Error handling
Read receive data from SCFRDR
and clear RDF flag in SCFSR to 0
No
Yes
ORER = 1?
RDF = 1?
All data received?
Initialization
SCIF initialization: See figure 16.3, Sample
SCIF Initialization Flowchart.
Receive error handling: If a receive error
occurs, read the ORER flag in SCLSR, then
after executing the necessary error handling,
clear the ORER flag to 0.
Serial reception cannot be continued while the
ORER flag is set to 1.
SCIF status check and receive data read:
Read SCFSR, check that the RDF flag is set
to 1, then read receive data in SCFRDR and
clear the RDF flag to 0. Notification that the
RDF flag has changed from 0 to 1 can also
be given by the RXI.
Serial reception continuation procedure:
To continue serial reception, read at least the
receive trigger set number of data bytes from
SCFRDR, read 1 from the RDF flag, and then
clear the RDF flag to 0. The number of receive
data in SCFRDR can be ascertained by reading
the lower bits of SCFDR. However, if the DMAC
is activated by the RXI and the value is read from
SCFRDR, the RDF flag is cleared automatically.
1.
2.
3.
4.
Figure 16.15 Sample Serial Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com