Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 617Page - Renesas Technology Corp SH7713 Datasheet HTML 618Page - Renesas Technology Corp SH7713 Datasheet HTML 619Page - Renesas Technology Corp SH7713 Datasheet HTML 620Page - Renesas Technology Corp SH7713 Datasheet HTML 621Page - Renesas Technology Corp SH7713 Datasheet HTML 622Page - Renesas Technology Corp SH7713 Datasheet HTML 623Page - Renesas Technology Corp SH7713 Datasheet HTML 624Page - Renesas Technology Corp SH7713 Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 581 of 860
REJ09B0288-0150
Yes
No
Start transmission and reception
End
No
Yes
Read RDF flag in SCFSR
Clear TE and RE bits in SCSCR to 0
Read ORER flag in SCLSR
Error handling
Read receive data in SCFRDR and
clear RDF flag in SCFSR to 0
No
Yes
ORER = 1?
RDF = 1?
All data received?
No
Yes
TDFE = 1?
Read TDFE flag in SCFSR
Initialization
SCIF initialization: See figure 16.3, Sample
SCIF Initialization Flowchart.
SCIF status check and receive data write:
Read SCFSR, check that the TDFE flag is
set to 1, then write transmit data in SCFTDR
and clear the TDFE flag to 0. Notification that
the TDFE flag has changed from 0 to 1 can
also be given by the TXI.
Receive error handling: If a receive error occurs,
read the ORER flag in SCLSR, then after
executing the necessary error handling, clear
the ORER flag to 0. Serial reception cannot be
continued while the ORER flag is set to 1.
SCIF status check and receive data read:
Read SCFSR, check that the RDF flag is set
to 1, then read receive data from SCFRDR
and clear the RDF flag to 0. Notification that
the RDF flag has changed from 0 to 1 can also
be given by the RXI.
Serial transmission/reception continuation
procedure: To continue serial reception, before
the MSB of the current frame is received, read
the RDF flag and SCFRDR and clear the RDF
flag to 0. Also, check that the TDFE flag is set
to 1 and data can be written before transmitting
the MSB of the current frame. Futhermore, write
data in SCFTDR and clear the TDFE flag to 0.
1.
2.
3.
4.
5.
Note: When switching from transmission or reception
to simultaneous transmission and reception,
clear the TE and RE bits to 0, then set the both
bits to 1 simultaneously.
Write transmit data in SCFTDR and
read TDFE flag in SCFSR
Figure 16.18 Sample Serial Data Transmission/Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com