Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 618Page - Renesas Technology Corp SH7713 Datasheet HTML 619Page - Renesas Technology Corp SH7713 Datasheet HTML 620Page - Renesas Technology Corp SH7713 Datasheet HTML 621Page - Renesas Technology Corp SH7713 Datasheet HTML 622Page - Renesas Technology Corp SH7713 Datasheet HTML 623Page - Renesas Technology Corp SH7713 Datasheet HTML 624Page - Renesas Technology Corp SH7713 Datasheet HTML 625Page - Renesas Technology Corp SH7713 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 582 of 860
REJ09B0288-0150
16.5
SCIF Interrupt Sources and DMAC
The SCIF supports four interrupt sources—transmit-FIFO-data-empty interrupt (TXI), receive-
error interrupt (ERI), receive-FIFO-data-full interrupt (RXI), and break interrupt (BRI). Table 16.6
shows the interrupt sources and their order of priority. For priorities and the relationship with non-
the SCIF interrupts, see section 4, Exception Handling. The interrupt sources can be enabled or
disabled by means of the TIE, RIE, and REIE bits in SCSCR. A separate interrupt request is sent
to the interrupt controller for each of these interrupt sources.
When the TXI is enabled by the TIE bit, if the TDFE flag in SCFSR is set to 1, a TXI request and
a transmit-FIFO-data-empty DMA transfer request are generated. When the TXI is disabled by the
TIE bit, if the TDFE flag is set to 1, only the transmit-FIFO-data-empty DMA transfer request is
generated. The DMAC can be activated and data transfer performed on generation of the transmit-
FIFO-data-empty DMA transfer request.
When the RXI is enabled by the RIE bit, if the RDF flag or DR flag in SCFSR is set to 1, an RXI
request and a receive-FIFO-data-full DMA transfer request are generated. When the RXI is
disabled by the RIE bit, if the RDF flag or DR flag is set to 1, only the receive-FIFO-data-full
DMA transfer request is generated. The DMAC can be activated and data transfer performed on
generation of the receive-FIFO-data-full DMA transfer request. The generation of the RXI and the
receive-FIFO-data-full DMA transfer requests by setting the DR flag to 1 occurs only in
asynchronous mode.
When the BRK flag in SCFSR or the ORER flag in SCLSR is set to 1, a BRI request is generated.
When using the DMAC for transmission/reception, set and enable the DMAC before making the
SCIF settings. See section 13, Direct Memory Access Controller (DMAC), for details on the
DMAC setting procedure. Also set the RXI and TXI requests not to be output to the interrupt
controller. If the interrupt requests are set to be generated, the interrupt requests to the interrupt
controller are cleared by the DMAC regardless of the interrupt handling program.
When the RIE bit is cleared to 0 and the REIE bit is set to 1 in SCSCR, the ERI or BRI request
can be generated without generating the RXI request. Note that the TXI indicates that writing the
transmit data is enabled, while the RXI indicates that the receive data is in SCFRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com