Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 623 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 619Page - Renesas Technology Corp SH7713 Datasheet HTML 620Page - Renesas Technology Corp SH7713 Datasheet HTML 621Page - Renesas Technology Corp SH7713 Datasheet HTML 622Page - Renesas Technology Corp SH7713 Datasheet HTML 623Page - Renesas Technology Corp SH7713 Datasheet HTML 624Page - Renesas Technology Corp SH7713 Datasheet HTML 625Page - Renesas Technology Corp SH7713 Datasheet HTML 626Page - Renesas Technology Corp SH7713 Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 583 of 860
REJ09B0288-0150
Table 16.6
The SCIF Interrupt Sources
Interrupt
Source
Description
DMAC
Activation
Priority on Reset
Release
ERI
Interrupt initiated by receive error (ER) Not possible
High
RXI
Interrupt initiated by receive FIFO data
full (RDF) or data ready (DR)*
Possible
BRI
Interrupt initiated by break (BRK) or
overrun error (ORER)
Not possible
TXI
Interrupt initiated by transmit FIFO
data empty (TDFE)
Possible
Low
Note:
*
The RXI by the DR is enabled only in asynchronous mode.
See section 4, Exception Handling, for priorities and the relationship with non-the SCIF
interrupts.
16.6
Usage Notes
Note the following when using the SCIF.
SCFTDR Writing and TDFE Flag: The TDFE flag in SCFSR is set when the number of
transmit data bytes written in SCFTDR has fallen to or below the transmit trigger number set by
bits TTRG1 and TTRG0 in SCFCR. After the TDFE flag is set, transmit data up to the number of
empty bytes in SCFTDR can be written, allowing efficient continuous transmission.
However, if the number of data bytes written in SCFTDR is equal to or less than the transmit
trigger number, the TDFE flag will be set to 1 again after being read as 1 and cleared to 0. TDFE
clearing should therefore be carried out when SCFTDR contains more than the transmit trigger
number of transmit data bytes.
The number of transmit data bytes in SCFTDR can be found from bits 12 to 8 in SCFDR.
SCFRDR Reading and RDF Flag: The RDF flag in SCFSR is set when the number of receive
data bytes in SCFRDR has become equal to or greater than the receive trigger number set by bits
RTRG1 and RTRG0 in SCFCR. After the RDF flag is set, receive data equivalent to the trigger
number can be read from SCFRDR, allowing efficient continuous reception.
However, if the number of data bytes in SCFRDR is still equal to or greater than the trigger
number after a read, the RDF flag will be set to 1 again if it is cleared to 0. The RDF flag should
therefore be cleared to 0 after being read as 1 after all receive data has been read.
The number of receive data bytes in SCFRDR can be found from bits 4 to 0 in SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com