Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 627 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 627 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 623Page - Renesas Technology Corp SH7713 Datasheet HTML 624Page - Renesas Technology Corp SH7713 Datasheet HTML 625Page - Renesas Technology Corp SH7713 Datasheet HTML 626Page - Renesas Technology Corp SH7713 Datasheet HTML 627Page - Renesas Technology Corp SH7713 Datasheet HTML 628Page - Renesas Technology Corp SH7713 Datasheet HTML 629Page - Renesas Technology Corp SH7713 Datasheet HTML 630Page - Renesas Technology Corp SH7713 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 904 page
background image
Section 17 Serial I/O with FIFO (SIOF)
SCIS3F0C_000020020900
Rev.1.50 Aug. 30, 2006 Page 587 of 860
REJ09B0288-0150
Section 17 Serial I/O with FIFO (SIOF)
This LSI includes a two-channel clocked synchronous serial I/O module with FIFO (SIOF) which
can be directly connected to the audio CODEC. The functions of the SIOF0 and SIOF1 are
common.
17.1
Features
The features of the SIOF are described below.
• Serial transfer
Sixteen-stage 32-bit FIFOs (transmission/reception independently)
Supports 8-bit data/16-bit data/16-bit stereo audio input/output
MSB or LSB first for data transmission/reception
Supports a maximum of 48-kHz sampling rate
Synchronization by either frame synchronization pulse or left/right channel switch
Supports CODEC control data interface
Connectable to every A-Law or
µ-Law CODEC linear audio chip manufactured by any
company
Supports both master and slave modes
• Serial clock
An external pin input or internal clock (P_CLK) can be selected as the clock source.
• Interrupts
Following four interrupts can be requested independently.
Transmission interrupt
Reception interrupt
Error interrupt
Control interrupt
• DMA transfer
Supports DMA transfer by a transfer request for transmission/reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com