Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 614Page - Renesas Technology Corp SH7713 Datasheet HTML 615Page - Renesas Technology Corp SH7713 Datasheet HTML 616Page - Renesas Technology Corp SH7713 Datasheet HTML 617Page - Renesas Technology Corp SH7713 Datasheet HTML 618Page - Renesas Technology Corp SH7713 Datasheet HTML 619Page - Renesas Technology Corp SH7713 Datasheet HTML 620Page - Renesas Technology Corp SH7713 Datasheet HTML 621Page - Renesas Technology Corp SH7713 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 578 of 860
REJ09B0288-0150
Error handling
Clear ORER flag in SCLSR to 0
No
Yes
Overrun error handling
ORER = 1?
End
Figure 16.16 Sample Serial Reception Flowchart
In serial reception, the SCIF operates as described below.
1. The SCIF internally initializes in synchronization with the synchronous clock input or output.
2. The SCIF stores receive data in SCRSR in order from LSB to MSB. After reception, the SCIF
checks whether receive data can be transmitted from SCRSR to SCFRDR. If this check is
passed, the SCIF stores the receive data in SCFRDR. If an overrun error is detected by an error
check, following reception can not be performed.
3. If the RDF flag is set to 1 and the RIE bit in SCSCR is set to 1, the SCIF requests a receive-
FIFO-data-full interrupt (RXI). If the ORER flag is set to 1 and the RIE bit or REIE bit in
SCSCR is set to 1, the SCIF requests a break interrupt (BRI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com