Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 615 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 615 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp SH7713 Datasheet HTML 613Page - Renesas Technology Corp SH7713 Datasheet HTML 614Page - Renesas Technology Corp SH7713 Datasheet HTML 615Page - Renesas Technology Corp SH7713 Datasheet HTML 616Page - Renesas Technology Corp SH7713 Datasheet HTML 617Page - Renesas Technology Corp SH7713 Datasheet HTML 618Page - Renesas Technology Corp SH7713 Datasheet HTML 619Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 575 of 860
REJ09B0288-0150
Serial Data Transmission: Figure 16.13 shows a sample flowchart for serial transmission. Use
the following procedure for serial data transmission after enabling the SCIF for transmission.
No
Yes
Start transmission
Read TDFE bit in SCFSR
Write transmit data in SCFTDR and
clear TDFE and TEND bits in
SCFSR to 0
No
Yes
No
Yes
Read TEND bit in SCFSR
Clear TE bit in SCSCR to 0
TDFE = 1?
All data transmitted?
TEND = 1?
End transmission
Initialization
SCIF initialization: See figure 16.3, Sample
SCIF Initialization Flowchart.
SCIF status check and transmit data write:
Read SCFSR, check that the TDFE flag is
set to 1, then write transmit data in SCFTDR
and clear the TDFE flag to 0.
Serial transmission continuation procedure:
To continue serial transmission, read 1 from
the TDFE flag to confirm that writing is possible,
then write data in SCFTDR and clear the TDFE
flag to 0.
1.
2.
3.
Figure 16.13 Sample Serial Transmission Flowchart
In serial transmission, the SCIF operates as described below.
1. When data is written into SCFTDR, the SCIF transfers the data from SCFTDR to SCFTSR and
starts transmitting. Confirm that the TDFE flag in SCFSR is set to 1 before writing transmit
data to SCFTDR. The number of data bytes that can be written is at least 16
− (transmit trigger
set number).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com