Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 609Page - Renesas Technology Corp SH7713 Datasheet HTML 610Page - Renesas Technology Corp SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp SH7713 Datasheet HTML 613Page - Renesas Technology Corp SH7713 Datasheet HTML 614Page - Renesas Technology Corp SH7713 Datasheet HTML 615Page - Renesas Technology Corp SH7713 Datasheet HTML 616Page - Renesas Technology Corp SH7713 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 573 of 860
REJ09B0288-0150
In clock synchronous mode, the SCIF receives data in synchronization with the rise of the serial
clock.
Data Transfer Format: A fixed 8-bit data format is used. No parity bit is added.
Clock: An internal clock generated by the on-chip baud rate generator or an external synchronous
clock input from the SCIFnCK pin can be selected, according to the setting of the C/
A bit in
SCSMR and bits CKE1 and CKE0 in SCSCR. For details, see table 16.4.
When the SCIF is operated on an internal clock, synchronous clock is output from the SCIFnCK
pin. Eight serial clock pulses are output in the transfer of one character, and when no
transmission/reception is performed the clock is fixed high. If an internal clock is selected when
only reception is performed, clock pulse is output continuously until the number of data bytes in
the receive FIFO reaches the receive trigger set number while the RE bit in SCSCR is 1.
Data Transfer Operations:
The SCIF Initialization: Before transmitting and receiving data, it is necessary to clear the TE
and RE bits in SCSCR to 0, then initialize the SCIF as described below.
When the mode, communication format etc., is changed, the TE and RE bits must be cleared to 0
before making the change using the following procedure. When the TE bit is cleared to 0, SCTSR
is initialized. Note that the RDF, PER, FER, and ORER flags and contents of SCFRDR are
retained even if the RE bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com