Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 608 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 608 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 604Page - Renesas Technology Corp SH7713 Datasheet HTML 605Page - Renesas Technology Corp SH7713 Datasheet HTML 606Page - Renesas Technology Corp SH7713 Datasheet HTML 607Page - Renesas Technology Corp SH7713 Datasheet HTML 608Page - Renesas Technology Corp SH7713 Datasheet HTML 609Page - Renesas Technology Corp SH7713 Datasheet HTML 610Page - Renesas Technology Corp SH7713 Datasheet HTML 611Page - Renesas Technology Corp SH7713 Datasheet HTML 612Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 568 of 860
REJ09B0288-0150
Serial Data Reception: Figures 16.6 and 16.7 show a sample flowchart for serial reception.
Use the following procedure for serial data reception after enabling the SCIF for reception.
Read ER, DR, and BRK flags in
SCFSR and ORER flag in SCLSR
Read RDF flag in SCFSR
Read receive data from
SCFRDR, and clear RDF flag
in SCFSR to 0
Clear RE bit in SCSCR to 0
1. Receive error handling and break detection:
Read the DR, ER, and BRK flags in SCFSR
and ORER flag in SCLSR to identify any
error, perform the appropriate error
handling, then clear the DR, ER, BRK, and
ORER flags to 0. In the case of a framing
error, a break can also be detected by
reading the value of the RxD pin.
2. SCIF status check and receive data read:
Read SCFSR and check that RDF = 1, then
read the receive data in SCFRDR, read 1
from the RDF flag, and then clear the RDF
flag to 0. The transition of the RDF flag
from 0 to 1 can also be identified by an RXI
interrupt.
3. Serial reception continuation procedure:
To continue serial reception, read at least
the receive trigger set number of data bytes
from SCFRDR, read 1 from the RDF flag,
and then clear the RDF flag to 0. The
number of receive data bytes in SCFRDR
can be ascertained by reading the lower
bits of SCFDR.
Start of reception
End of reception
ER, DR, BRK,
or ORER = 1?
Yes
No
RDF = 1?
No
Yes
All data received?
No
Yes
Error handling
Figure 16.6 Sample Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com