Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp SH7713 Datasheet HTML 604Page - Renesas Technology Corp SH7713 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 561 of 860
REJ09B0288-0150
16.4.2
Serial Operation in Asynchronous Mode
In asynchronous mode, each transmitted or received character begins with a start bit and ends with
a stop bit. Serial communication is synchronized one character at a time. Figure 16.2 shows the
general format of asynchronous serial communication.
In asynchronous serial communication, the communication line is normally held in the mark
(high) state. The SCIF monitors the line and starts serial communication when the line goes to the
space (low) state, indicating a start bit. One serial communication character consists of a start bit
(low), data (LSB first), parity bit (high/low), and stop bit (high), in this order. In asynchronous
mode, the SCIF synchronizes at the falling edge of the start bit during reception. The SCIF
samples each data bit on the eighth pulse of a clock with a frequency 16 times the bit rate.
Therefore, communication data is latched at the center of each bit.
D0
D1
D2
D3
D4
D5
D6
D7
0/1
0
11
1
1
Start
bit
Parity
bit
Stop bit
1 bit
7 bits or 8 bits
1 bit or
no bit
1 bit or
2 bits
One unit of communication data (character or frame)
Idle state (mark state)
Transmit/Receive data
Serial
data
Figure 16.2 Data Format in Asynchronous Communication
(Example of 8-Bit Data with Parity and 2 Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com