Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 596Page - Renesas Technology Corp SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp SH7713 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 560 of 860
REJ09B0288-0150
Table 16.3
SCSMR Settings for Serial Transfer Format Selection
SCSMR Settings
The SCIF Transfer Format
Bit 7:
C/
A
Bit 6:
CHR
Bit 5:
PE
Bit 3:
STOP
Mode
Data Length
Parity
Bit
Stop Bit
Length
0
0
0
0
Asynchronous mode
8-bit data
No
1 bit
1
2 bits
1
0
Yes
1 bit
1
2 bits
1
0
0
7-bit data
No
1 bit
1
2 bits
1
0
Yes
1 bit
1
2 bits
1
*
*
*
Clock synchronous mode
8-bit data
No
No
Table 16.4
SCSMR and SCSCR Settings for the SCIF Clock Source Selection
SCSMR
SCSCR
Bit 7: C/
A
Bit 1:
CKE1
Bit 0:
CKE0
Mode
Clock
Source
SCIFnCK Pin Function
0
SCIF does not use the SCIFnCK pin
0
1
Internal
Outputs a clock with frequency 16
times the bit rate
0
0
1
1
Asynchronous
mode
External
Inputs a clock with frequency 16 times
the bit rate
0
0
1
Internal
Outputs the synchronous clock
0
1
1
1
Clock
synchronous
mode
External
Inputs the synchronous clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com