Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 602 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 602 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp SH7713 Datasheet HTML 600Page - Renesas Technology Corp SH7713 Datasheet HTML 601Page - Renesas Technology Corp SH7713 Datasheet HTML 602Page - Renesas Technology Corp SH7713 Datasheet HTML 603Page - Renesas Technology Corp SH7713 Datasheet HTML 604Page - Renesas Technology Corp SH7713 Datasheet HTML 605Page - Renesas Technology Corp SH7713 Datasheet HTML 606Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 562 of 860
REJ09B0288-0150
Data Transfer Format: Table 16.5 shows the transfer formats that can be used in asynchronous
mode. Any of 8 transfer formats can be selected according to the SCSMR settings.
Table 16.5
Serial Transfer Formats
SCSMR Settings
Serial Transfer Format and Frame Length
CHR
PE
STOP
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
S
8-bit data
STOP
1
S
8-bit data
STOP STOP
1
0
S
8-bit data
P
STOP
1
S
8-bit data
P
STOP STOP
1
0
0
S
7-bit data
STOP
1
S
7-bit data
STOP STOP
1
0
S
7-bit data
P
STOP
1
S
7-bit data
P
STOP STOP
S:
Start bit
STOP: Stop bit
P:
Parity bit
Clock: The SCIF transfer clock is set by the C/
A bit in SCSMR and the CKE1 and CKE0 bits in
SCSCR. For details, see table 16.4.
When an external clock is input to the SCIFnCK pin, the clock with frequency 16 times the bit rate
must be input.
When the SCIF operates on an internal clock, it can output a clock from the SCIFnCK pin. At this
time output clock frequency is 16 times the bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com