Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 595 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 595 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp SH7713 Datasheet HTML 593Page - Renesas Technology Corp SH7713 Datasheet HTML 594Page - Renesas Technology Corp SH7713 Datasheet HTML 595Page - Renesas Technology Corp SH7713 Datasheet HTML 596Page - Renesas Technology Corp SH7713 Datasheet HTML 597Page - Renesas Technology Corp SH7713 Datasheet HTML 598Page - Renesas Technology Corp SH7713 Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 555 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
7
6
RTRG1
RTRG0
0
0
R/W
R/W
Receive FIFO Data Number Trigger 1 and 0
Set the number of receive data bytes that sets the
RDF flag in SCFSR.
The RDF flag is set when the number of receive data
bytes in SCFRDR is equal to or greater than the
trigger set number shown in below.
Asynchronous mode
Clock synchronous mode
00: 1
00: 1
01: 4
01: 2
10: 8
10: 8
11: 14
11: 14
5
4
TTRG1
TTRG0
0
0
R/W
R/W
Transmit FIFO Data Number Trigger 1 and 0
Set the number of remaining transmit data bytes that
sets the TDFE flag in SCFSR.
The TDFE flag is set when, as the result of a transmit
operation, the number of transmit data bytes in
SCFTDR is equal to or below the trigger set number
shown in below.
00: 8 (8)
01: 4 (12)
10: 2 (14)
11: 0 (16)
Note:
The values in parentheses are the number of
empty bytes in SCFTDR when the flag is set.
3
MCE
0
R/W
Modem Control Enable
Enables modem control signals
CTS and RTS. This
bit is valid only in asynchronous mode.
0: Modem signal disabled*
1: Modem signal enabled
Note: *
CTS is fixed at active 0 regardless of the input
value, and
RTS is also fixed at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com