Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 587Page - Renesas Technology Corp SH7713 Datasheet HTML 588Page - Renesas Technology Corp SH7713 Datasheet HTML 589Page - Renesas Technology Corp SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp SH7713 Datasheet HTML 593Page - Renesas Technology Corp SH7713 Datasheet HTML 594Page - Renesas Technology Corp SH7713 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 551 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
1
RDF
0
R/(W)*
Receive FIFO Data Full
Indicates that the received data has been
transferred from SCRSR to SCFRDR, and the
number of receive data bytes in SCFRDR is equal
to or greater than the receive trigger number set by
bits RTRG1 and RTRG0 in SCFCR.
0: The number of receive data bytes in SCFRDR is
less than the receive trigger set number
[Clearing conditions]
• Power-on reset or manual reset
• When SCFRDR is read until the number of
receive data bytes in SCFRDR is less than the
receive trigger set number, and 0 is written to
RDF after reading RDF = 1
• When SCFRDR is read by the DMAC until the
number of receive data bytes in SCFRDR is less
than the receive trigger set number
1: The number of receive data bytes in SCFRDR is
equal to or greater than the receive trigger set
number
[Setting condition]
When SCFRDR contains at least the receive trigger
set number of receive data bytes*
Note: * SCFRDR is a 16-byte FIFO register. When
RDF = 1, at least the receive trigger set
number of data bytes can be read. If data is
read when SCFRDR is empty, an undefined
value will be returned. The number of
receive data bytes in SCFRDR is indicated
by the lower bits in SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com