Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp SH7713 Datasheet HTML 587Page - Renesas Technology Corp SH7713 Datasheet HTML 588Page - Renesas Technology Corp SH7713 Datasheet HTML 589Page - Renesas Technology Corp SH7713 Datasheet HTML 590Page - Renesas Technology Corp SH7713 Datasheet HTML 591Page - Renesas Technology Corp SH7713 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 548 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
5
TDFE
1
R/(W)*
Transmit FIFO Data Empty
Indicates that data has been transferred from
SCFTDR to SCTSR, the number of data bytes in
SCFTDR has been equal to or below the transmit
trigger data number set by bits TTRG1 and TTRG0
in SCFCR, and new transmit data can be written to
SCFTDR.
0: A number of transmit data bytes exceeding the
transmit trigger set number have been written to
SCFTDR
[Clearing conditions]
• When transmit data exceeding the transmit
trigger set number is written to SCFTDR, and 0
is written to the TDFE bit after reading TDFE = 1
• When transmit data exceeding the transmit
trigger set number is written to SCFTDR by the
DMAC
1: The number of transmit data bytes in SCFTDR
does not exceed the transmit trigger set number
[Setting conditions]
• Power-on reset or manual reset
• When the number of SCFTDR transmit data
bytes is equal to or below the transmit trigger
set number as the result of a transmit operation*
Note: * As SCFTDR is a 16-byte FIFO register, the
maximum number of bytes that can be
written when TDFE = 1 is 16 – (transmit
trigger set number). Data written in excess
of this will be ignored. The number of data
bytes in SCFTDR is indicated by the upper
bits in SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com