Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 584 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 584 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp SH7713 Datasheet HTML 587Page - Renesas Technology Corp SH7713 Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 544 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1 and 0
Select the SCIF clock source and enable or disable
clock output from the SCIFnCK pin. The combination
of the CKE1 bit and CKE0 bit determines whether the
SCIFnCK pin is set as a serial clock output pin or a
serial clock input pin. The setting of the CKE0 bit is
available in internal clock operation (CKE1 = 0). In the
case of external clock operation (CKE1 = 1), the
setting of the CKE0 bit is not available. The CKE1
and CKE0 bits must be set before the SCIF operating
mode is selected by SCSMR.
• Asynchronous mode
00: Internal clock/SCIFnCK pin functions as input pin
(input signal ignored)
01: Internal clock/SCIFnCK pin functions as clock
output*
2
1-*
1: External clock/SCIFnCK pin functions as clock
input*
3
• Clock synchronous mode
00: Internal clock/SCIFnCK pin functions as
synchronous clock output
01: Internal clock/SCIFnCK pin functions as
synchronous clock output
1-*
1: External clock/SCIFnCK pin functions as
synchronous clock input
Notes: 1. When CKE1 = 1, the value of CKE0 is
don't care.
2. The output clock frequency is 16 times the
bit rate.
3. The input clock frequency is 16 times the
bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com