Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 578Page - Renesas Technology Corp SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp SH7713 Datasheet HTML 585Page - Renesas Technology Corp SH7713 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 542 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
6
RIE
0
R/W
Receive Interrupt Enable
Enables or disables generation of a receive-data-full
interrupt (RXI) request when the RDF flag or DR flag
in SCFSR is set to 1, receive-error interrupt (ERI)
request when the ER flag in SCFSR is set to 1, or
break-interrupt (BRI) request when the BRK flag in
SCFSR or the ORER flag in SCLSR is set to 1.
0: Receive-data-full interrupt (RXI) request, receive-
error interrupt (ERI) request, and break-interrupt
(BRI) request disabled*
1: Receive-data-full interrupt (RXI) request, receive-
error interrupt (ERI) request, and break-interrupt
(BRI) request enabled
Note: *
An RXI request can be cleared by reading 1
from the RDF flag or DR flag, then clearing
the flag to 0, or by clearing the RIE bit to 0.
The ERI and BRI requests can be cleared
by reading 1 from the ER, BRK, or ORER
flag, then clearing the flag to 0, or clearing
the RIE and REIE bits to 0.
5
TE
0
R/W
Transmit Enable
Enables or disables the start of serial transmission by
the SCIF.
0: Transmission disabled
1: Transmission enabled*
Note: *
SCSMR and SCFCR settings must be
made, the transmit format decided, and the
transmit FIFO reset, before the TE bit is set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com