Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 580 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 580 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 576Page - Renesas Technology Corp SH7713 Datasheet HTML 577Page - Renesas Technology Corp SH7713 Datasheet HTML 578Page - Renesas Technology Corp SH7713 Datasheet HTML 579Page - Renesas Technology Corp SH7713 Datasheet HTML 580Page - Renesas Technology Corp SH7713 Datasheet HTML 581Page - Renesas Technology Corp SH7713 Datasheet HTML 582Page - Renesas Technology Corp SH7713 Datasheet HTML 583Page - Renesas Technology Corp SH7713 Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 904 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev.1.50 Aug. 30, 2006 Page 540 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length
Selects 1 or 2 bits as the stop bit length. The STOP
bit setting is only valid in asynchronous mode. When
clock synchronous mode is set, the STOP bit setting
is invalid since stop bits are not added.
0: 1 stop bit*
1
1: 2 stop bits*
2
Notes: 1. In transmission, a single 1-bit (stop bit) is
added to the end of a transmit character
before it is sent.
2. In transmission, two 1-bits (stop bits) are
added to the end of a transmit character
before it is sent.
In reception, only the first stop bit is checked,
regardless of the STOP bit setting. If the second stop
bit is 1, it is treated as a stop bit; if it is 0, it is treated
as the start bit of the next transmit character.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
Select the clock source for the on-chip baud rate
generator.
00: P
φ
01: P
φ/4
10: P
φ/16
11: P
φ/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com