Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp SH7713 Datasheet HTML 572Page - Renesas Technology Corp SH7713 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 529 of 860
REJ09B0288-0150
15.5
Usage Notes
15.5.1
Register Writing during RTC Count
The following RTC registers cannot be written to during an RTC count (while the START bit = 1
in RCR2).
RSECCNT, RMINCNT, RHRCNT, RDAYCNT, RWKCNT, RMONCNT, RYRCNT
The RTC count must be stopped before writing to any of the above registers.
15.5.2
Use of Realtime Clock (RTC) Periodic Interrupts
The method of using the periodic interrupt function is shown in figure 15.6.
A periodic interrupt can be generated periodically at the interval set by the periodic interrupt flag
(PES0
−PES2) in RCR2. When the time set by the PES0−PES2 has elapsed, the PEF is set to 1.
The PEF is cleared to 0 upon periodic interrupt generation or when the periodic interrupt flag
(PES0 to PES2) is set. Periodic interrupt generation can be confirmed by reading this bit, but
normally the interrupt function is used.
Set PES0 to PES2,
and clear PEF to 0,
in RCR2
Clear PEF to 0
Set PES, clear PEF
Elapse of time set by PES
Clear PEF
Figure 15.6 Using Periodic Interrupt Function
15.5.3
Transition to Standby Mode after Setting Register
When a transition to standby mode is made after registers in the RTC are set, sometimes counting
is not performed correctly. In case the registers are set, be sure to make a transition to standby
mode after waiting for two RTC clocks or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com