Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 561Page - Renesas Technology Corp SH7713 Datasheet HTML 562Page - Renesas Technology Corp SH7713 Datasheet HTML 563Page - Renesas Technology Corp SH7713 Datasheet HTML 564Page - Renesas Technology Corp SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 525 of 860
REJ09B0288-0150
15.4
Operation
15.4.1
Initial Settings of Registers after Power-On
All the registers should be set after the power is turned on.
15.4.2
Setting Time
Figure 15.2 shows how to set the time when the clock is stopped.
Write 1 to RESET and 0 to
START in the RCR2 register
Order is irrelevant
Write 1 to START in the
RCR2 register
Set seconds, minutes,
hour, day, day of the
week, month, and year
Stop clock,
reset divider circuit
Start clock
Figure 15.2 Setting Time
15.4.3
Reading Time
Figure 15.3 shows how to read the time.
If a carry occurs while reading the time, the correct time will not be obtained, so it must be read
again. Part (a) in figure 15.3 shows the method of reading the time without using interrupts; part
(b) in figure 15.3 shows the method using carry interrupts. To keep programming simple, method
(a) should normally be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com