Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 567 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 567 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 563Page - Renesas Technology Corp SH7713 Datasheet HTML 564Page - Renesas Technology Corp SH7713 Datasheet HTML 565Page - Renesas Technology Corp SH7713 Datasheet HTML 566Page - Renesas Technology Corp SH7713 Datasheet HTML 567Page - Renesas Technology Corp SH7713 Datasheet HTML 568Page - Renesas Technology Corp SH7713 Datasheet HTML 569Page - Renesas Technology Corp SH7713 Datasheet HTML 570Page - Renesas Technology Corp SH7713 Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 527 of 860
REJ09B0288-0150
15.4.4
Alarm Function
Figure 15.4 shows how to use the alarm function.
Alarms can be generated using seconds, minutes, hours, day of the week, date, month, year, or any
combination of these. Set the ENB bit or YAEN bit in the register on which the alarm is placed to
1, and then set the alarm time in the lower bits. Clear the ENB bit in the register on which the
alarm is not placed to 0.
When the clock and alarm times match, 1 is set in the AF bit in RCR1. Alarm detection can be
checked by reading this bit, but normally it is done by interrupt. If 1 is set in the AIE bit in RCR1,
an interrupt is generated when an alarm occurs.
Disable interrupt to prevent errorneous
interruption.(AIE bit in RCR1 is cleared)
Then write 1.
Clock running
Set alarm time
Set whether to use
alarm interrupt
Always clear, since the flag may have been
set while the alarm time was being set.
(Write 0 to AF of RCR1 to clear it. )
Clear alarm flag
Monitor alarm time
(wait for interrupt or
check alarm flag)
Figure 15.4 Using Alarm Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com