Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 554Page - Renesas Technology Corp SH7713 Datasheet HTML 555Page - Renesas Technology Corp SH7713 Datasheet HTML 556Page - Renesas Technology Corp SH7713 Datasheet HTML 557Page - Renesas Technology Corp SH7713 Datasheet HTML 558Page - Renesas Technology Corp SH7713 Datasheet HTML 559Page - Renesas Technology Corp SH7713 Datasheet HTML 560Page - Renesas Technology Corp SH7713 Datasheet HTML 561Page - Renesas Technology Corp SH7713 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 518 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
Date Alarm Enable
Specifies whether comparison of RDAYCNT and
RDAYAR is performed as an alarm condition.
0: Not compared
1: Compared
6
0
R
Reserved
This bit is always read as 0. The write value
should always be 0.
5, 4
R/W
Setting value for 10-unit of date alarm in the
BCD-code.
The range can be set from 0 to 3 (decimal).
3 to 0
R/W
Setting value for 1-unit of date alarm in the BCD-
code.
The range can be set from 0 to 9 (decimal).
15.3.14
Month Alarm Register (RMONAR)
RMONAR is an alarm register corresponding to the month counter RMONCNT. When the ENB
bit is set to 1, a comparison with the RMONCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/ and RMONAR, the counter and alarm register
comparison is performed only on those with ENB bits and the YAEN bit in RCR3 set to 1, and if
each of those coincide, an RTC alarm interrupt is generated.
The range of month alarm which can be set is 1 to 12 (decimal). Errant operation will result if any
other value is set.
RMONAR is an 8-bit readable/writable register. The ENB bit in RMONAR is initialized by a
power-on reset. The remaining RMONAR fields are not initialized by a power-on reset or manual
reset, or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com