Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 553Page - Renesas Technology Corp SH7713 Datasheet HTML 554Page - Renesas Technology Corp SH7713 Datasheet HTML 555Page - Renesas Technology Corp SH7713 Datasheet HTML 556Page - Renesas Technology Corp SH7713 Datasheet HTML 557Page - Renesas Technology Corp SH7713 Datasheet HTML 558Page - Renesas Technology Corp SH7713 Datasheet HTML 559Page - Renesas Technology Corp SH7713 Datasheet HTML 560Page - Renesas Technology Corp SH7713 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 904 page
background image
Section 15 Realtime Clock (RTC)
Rev.1.50 Aug. 30, 2006 Page 517 of 860
REJ09B0288-0150
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
Day of Week Alarm Enable
Specifies whether comparison of RWKCNT and
RWKAR is performed as an alarm condition.
0: Not compared
1: Compared
6 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
R/W
Day of Week Alarm Code
The range can be set from 0 to 6 (decimal).
Code
Day of the Week
0:
Sunday
1:
Monday
2:
Tuesday
3:
Wednesday
4:
Thursday
5:
Friday
6:
Saturday
15.3.13
Date Alarm Register (RDAYAR)
RDAYAR is an alarm register corresponding to the date counter RDAYCNT. When the ENB bit
is set to 1, a comparison with the RDAYCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/ and RMONAR, the counter and alarm register
comparison is performed only on those with ENB bits and the YAEN bit in RCR3 set to 1, and if
each of those coincide, an RTC alarm interrupt is generated.
The range of date alarm which can be set is 1 to 31 (decimal). Errant operation will result if any
other value is set. The RDAYCNT range that can be set changes with some months and in leap
years. Please confirm the correct setting.
RDAYAR is an 8-bit readable/writable register. The ENB bit in RDAYAR is initialized by a
power-on reset. The remaining RDAYAR fields are not initialized by a power-on reset or manual
reset, or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com