Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 384Page - Renesas Technology Corp SH7721 Datasheet HTML 385Page - Renesas Technology Corp SH7721 Datasheet HTML 386Page - Renesas Technology Corp SH7721 Datasheet HTML 387Page - Renesas Technology Corp SH7721 Datasheet HTML 388Page - Renesas Technology Corp SH7721 Datasheet HTML 389Page - Renesas Technology Corp SH7721 Datasheet HTML 390Page - Renesas Technology Corp SH7721 Datasheet HTML 391Page - Renesas Technology Corp SH7721 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 326 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
12
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
11
RFSH
0
R/W
Refresh Control
Specifies whether or not the refresh operation of the SDRAM
is performed.
0: No refresh
1: Refresh
10
RMODE
0
R/W
Refresh Control
Specifies whether to perform auto-refresh or self-refresh
when the RFSH bit is 1. When the RFSH bit is 1 and this bit
is 1, self-refresh starts immediately. When the RFSH bit is 1
and this bit is 0, auto-refresh starts according to the contents
that are set in RTCSR, RTCNT, and RTCOR.
0: Auto-refresh is performed
1: Self-refresh is performed
9
PDOWN
0
R
Power-Down Mode
Specifies whether the SDRAM is entered in power-down
mode or not after the access to SDRAM is completed. If this
bit is set to 1, the CKE pin is pulled to low to place the
SDRAM to power-down mode.
0: Does not place the SDRAM in power-down mode after
access completion.
1: Places the SDRAM in power-down mode after access
completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com