Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 554Page - Renesas Technology Corp SH7721 Datasheet HTML 555Page - Renesas Technology Corp SH7721 Datasheet HTML 556Page - Renesas Technology Corp SH7721 Datasheet HTML 557Page - Renesas Technology Corp SH7721 Datasheet HTML 558Page - Renesas Technology Corp SH7721 Datasheet HTML 559Page - Renesas Technology Corp SH7721 Datasheet HTML 560Page - Renesas Technology Corp SH7721 Datasheet HTML 561Page - Renesas Technology Corp SH7721 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 496 of 1458
REJ09B0033-0300
13.8
Hardware Standby Mode
13.8.1
Transition to Hardware Standby Mode
This LSI enters hardware standby mode by driving the CA pin low. In hardware standby mode as
well as a standby mode entered by the SLEEP instruction, all modules stop other than the modules
that operate using the RTC clock.
Hardware standby mode differs from standby mode as follows:
1. Interrupts and manual reset cannot be accepted.
2. TMU does not operate.
3. RTC operates without power supply to the power supply pins other than that of RTC.
If the CA pin goes low, the operation differs according to the CPG status.
• During standby mode
Hardware standby mode is entered with the clock stopped.
Interrupts and manual reset cannot be accepted and TMU halts.
• During WDT operation while the standby mode is canceled by an interrupt
After standby mode is canceled and the CPU restarts operating, a transition to hardware
standby mode occurs.
• Sleep mode
After sleep mode is canceled and the CPU restarts operating, a transition to hardware standby
mode occurs.
Note that the CA pin must be brought low during hardware standby mode.
13.8.2
Canceling the Hardware Standby Mode
Hardware standby mode is canceled by power-on or reset. If the CA pin is pulled high while the
RESETP signal is low, clock oscillation starts. In this case, RESETP must be kept low until clock
oscillation has settled. If
RESETP is then pulled high, the CPU initiates the power-on reset
processing. If an interrupt or manual reset is input, correct operation cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com